| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSMF17AL bảng dữ liệu(PDF) 5 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PSMF17AL bảng dữ liệu(HTML) 5 Page - Protek Devices |
|
5 / 7 page ![]() Only One Name Means ProTek’Tion™ 05600.R0 1/19 Page 5 PSMFxxAL Series ISO 9001: 2015 CERTIFIED PACKAGE INFORMATION RTCA DO-160G COMPLIANT PRODUCT OUTLINE DIMENSIONS DIM MILLIMETERS INCHES MIN MAX MIN MAX A 2.60 3.00 0.102 0.118 B 1.60 2.00 0.063 0.079 C 3.45 3.95 0.136 0.156 D 0.10 0.25 0.004 0.010 E 0.30 0.90 0.012 0.035 F 0.80 1.20 0.031 0.047 G 0.95 1.35 0.037 0.053 NOTES 1. Dimensioning and tolerances per ANSI Y14.M, 1985. 2. Controlling dimension: millimeters. 3. Dimensions are exclusive of mold flash and metal burrs. PAD LAYOUT DIMENSIONS DIM MILLIMETERS INCHES MIN MAX MIN MAX A 1.30 0.051 B 1.70 0.067 C 1.30 0.051 NOTES 1. Controlling dimension: millimeters A B G D C E F A B C |