| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC7710 bảng dữ liệu(PDF) 4 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7710 bảng dữ liệu(HTML) 4 Page - Vitesse Semiconductor Corporation |
|
4 / 14 page ![]() VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC7710 Photodetector/Transimpedance Amplifier Family for Optical Communication Page 4 G52139-0, Rev 2.2 04/02/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Table 4: Pin Table Specifications for TO-46(ball lens), TO-56 (flat window) Packages and Bare Die Note: Pin Diagram is identical for both TO-46 and TO-56 package styles. Figure 2: Pin Diagram Figure 3: Schematic View of Bare Die Pad Assignments Symbol Description D+OUT Data output normal (with reference to incident light) D–OUT Data output complement (inverting) (with reference to incident light) VDD Power supply GND Ground (package case) D+OUT D–OUT GND VDD GND GND ANODE ANODE CATHODE D+OUT D–OUT VDD VDD |