82 / 98 page

MB90820 Series
82
4.
AC Characteristics
(1) Clock Timings
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FC
X0, X1
3
16
MHz Crystal oscillator
3
24
MHz External clock
Clock cycle time
tHCYL
X0, X1
62.5
333
ns
Crystal oscillator
41.67
333
ns
External clock
Input clock pulse width
PWH
PWL
X0
10
ns
Recommend duty
ratio of 30% to 70%
Input clock rise/fall time
tCR
tCF
X0
5ns
External clock
operation
Internal operating clock frequency
fCP
1.5
24
MHz
Internal operating clock cycle time
tCP
41.67
666
ns
X0
tHCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL