công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS432DASN bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện AS432DASN
Giải thích chi tiết về linh kiện  1.24V Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

AS432DASN bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  AS432DASN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432DASN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
30
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
–60
–30
0
30
T
A – Ambient Temperature (°C)
60
90
120
2.4
2.3
2.2
2.1
2.0
Reference Input Current
R1 = 10 k
Ω
R2 =
∞
I
K = 10 mA
0
369
12
15
18
–40
°C
25
°C
75
°C
125
°C
V
KA – Cathode Voltage (V)
0
–10
–20
–30
–40
–50
Reference Voltage Line Regulation
I
K = 10 mA
Temperature Range: –55 to 125
°C
10
100
1 k
10 k
100 k
f – Frequency (Hz)
70
60
50
40
30
20
10
0
Noise Voltage
V
KA = VREF
I
K = 10 mA
T
A = 25°C
–60
–30
0
30
T
A – Free Air Temperature (°C)
60
90
120
40
30
20
10
0
Low Frequency Dynamic Output Impedance
V
KA = VREF
V
KA = 1 to 100 mA
f
≤ 1kHz
Typical Performance Curves
Figure 6
Figure 7
Figure 8
Figure 9



Html Pages

1 2 3 4 5 6 7