công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB42528 bảng dữ liệu(PDF) 21 Page - Cirrus Logic

tên linh kiện CDB42528
Giải thích chi tiết về linh kiện  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42528 bảng dữ liệu(HTML) 21 Page - Cirrus Logic

Back Button CDB42528 Datasheet HTML 17Page - Cirrus Logic CDB42528 Datasheet HTML 18Page - Cirrus Logic CDB42528 Datasheet HTML 19Page - Cirrus Logic CDB42528 Datasheet HTML 20Page - Cirrus Logic CDB42528 Datasheet HTML 21Page - Cirrus Logic CDB42528 Datasheet HTML 22Page - Cirrus Logic CDB42528 Datasheet HTML 23Page - Cirrus Logic CDB42528 Datasheet HTML 24Page - Cirrus Logic CDB42528 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DS585PP5
21
CS42526
4. APPLICATIONS
4.1
Overview
The CS42526 is a highly integrated mixed signal 24-bit audio codec comprised of 2 analog-to-digital con-
verters (ADC), implemented using multi-bit delta-sigma techniques, 6 digital-to-analog converters (DAC)
and a 192 kHz digital audio S/PDIF receiver. Other functions integrated within the codec include indepen-
dent digital volume controls for each DAC, digital de-emphasis filters for DAC and S/PDIF, digital gain
control for ADC channels, ADC high-pass filters, an on-chip voltage reference, and an 8:2 mux for S/PDIF
sources. All serial data is transmitted through two configurable serial audio interfaces with standard serial
interface support as well as enhanced one line modes of operation allowing up to 6 channels of serial au-
dio data on one data line. All functions are configured through a serial control port operable in SPI mode
or in I2C mode. Figure 5 show the recommended connections for the CS42526.
The CS42526 operates in one of three oversampling modes based on the input sample rate. Mode selec-
tion is determined by the FM bits in register “Functional Mode (address 03h)” on page 48. Single-Speed
mode (SSM) supports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-
Speed mode (DSM) supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x.
Quad-Speed mode (QSM) supports input sample rates up to 192 kHz and uses an oversampling ratio of
32x.
Using the receiver clock recovery PLL, a low jitter clock is recovered from the incoming S/PDIF data
stream. The recovered clock or an externally supplied clock attached to the OMCK pin can be used as
the System Clock.
4.2
Analog Inputs
4.2.1
Line Level Inputs
AINR+, AINR-, AINL+, and AINL- are the line level differential analog inputs. The analog signal must be
externally biased to VQ, approximately 2.7 V, before being applied to these inputs. The level of the signal
can be adjusted for the left and right ADC independently through the ADC Left and Right Channel Gain
Control Registers on page 61. The ADC output data is in 2’s complement binary format. For inputs above
positive full scale or below negative full scale, the ADC will output 7FFFFFH or 800000H, respectively and
cause the ADC Overflow bit in the register “Interrupt Status (address 20h) (Read Only)” on page 63 to be
set to a ‘1’. The RXP/GPO pins may also be configured to indicate an overflow condition has occurred in
the ADC. See “RXP/General Purpose Pin Control (addresses 29h to 2Fh)” on page 69 for proper config-
uration. Figure 6 shows the full-scale analog input levels. See “ADC Input Filter” on page 75 for a recom-
mended input buffer.
AIN+
AIN-
Full-Scale Input Level= (AIN+) - (AIN-)= 5.6 Vpp
4.1 V
2.7 V
1.3 V
4.1 V
2.7 V
1.3 V
Figure 6. Full-Scale Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com