công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4441 bảng dữ liệu(PDF) 7 Page - Linear Technology

tên linh kiện LTC4441
Giải thích chi tiết về linh kiện  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 bảng dữ liệu(HTML) 7 Page - Linear Technology

Back Button LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology LTC4441 Datasheet HTML 10Page - Linear Technology LTC4441 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
44411f
LTC4441/LTC4441-1
BLOCK DIAGRA
1.09V
IN
1.21V
UVLO
REG
EN
INB
1.21V
0.45V
SHUTDOWN
FB
VIN
EN/SHDN
SGND
SHDN
THERMAL
SHUTDOWN
BIAS
LEADING
EDGE DELAY
Q1
P1
MREG
DRVCC
OUT
PGND
RBLANK
BLANK
4441 BD
N1
MB
FOR 10-LEAD
LTC4441
ONLY
APPLICATIO S I FOR ATIO
Overview
Power MOSFETs generally account for the majority of
power lost in a converter. It is important to choose not only
the type of MOSFET used, but also its gate drive circuitry.
The LTC4441/LTC4441-1 is designed to drive an N-chan-
nel power MOSFET with little efficiency loss. The LTC4441/
LTC4441-1 can deliver up to 6A of peak current using a
combined NPN Bipolar and MOSFET output stage. This
helps to turn the power MOSFET fully “on” or “off” with a
very brief transition region.
The LTC4441/LTC4441-1 includes a programmable linear
regulator to regulate the gate drive voltage. This regulator
provides the flexibility to use either standard threshold or
logic level MOSFETs.
DRVCC Regulator
An internal, P-channel low dropout linear regulator pro-
vides the DRVCC supply to power the driver and the pre-
driver logic circuitry as shown in Figure 1. The regulator
output voltage can be programmed between 5V and 8V
with an external resistive divider between DRVCC and
SGND and a center tap connected to the FB pin. The
regulator needs an R1 value of around 330k to ensure loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12