| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1815 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1815 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() 5/20 STM1810/1811/1812/1813/1815/1816/1817/1818 Figure 4. Hardware Hookup Note: 1. RST for STM1812 and STM1817 (see Table 1., Device Options) 2. Only valid for STM1813 and STM1818. FUNCTIONAL BLOCK DIAGRAMS Figure 5. Push-pull Active-Low Output (STM1810/1812/1815/1817) Note: 1. RST for STM1812 and STM1817. Figure 6. Open Drain, Active-Low Output (STM1811/1816) Note: 1. 5.5k Ω internal pull-up resistor Figure 7. Open Drain, Active-Low Output (Bi-directional, Manual Reset Detect, STM1813/1818) Note: 1. 5.5k Ω internal pull-up resistor AI09652a VCC VSS VCC MCU STM181x RST (1) VCC VSS RESET Input Push-button RESET (2) AI09651a COMPARE VRST VCC trec Generator RST (1) AI09672 COMPARE VRST VCC trec Generator RST 5.5k Ω(1) AI09673 COMPARE Push-button Detect VRST VCC trec Generator RST 5.5k Ω(1) |