công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5444IPFPRG4 bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện ADS5444IPFPRG4
Giải thích chi tiết về linh kiện  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPRG4 bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button ADS5444IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5444IPFPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Theory of Operation
Input Configuration
ADT1-1WT
1 : 1
AIN
AIN
ADS5444
AC Signal
Source
R0
50 W
Z0
50 W
R
50 W
RT
100
Ω
+
−
OPA695
5 V
R1
400
Ω
ADS5444
CIN
RIN
0.1
µF
1:1
−5 V
R2
57.5
Ω
VIN
AV = 8V/V
(18 dB)
RS
100
Ω
1000
µF
RIN
AIN
AIN
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
The ADS5444 is a 13 bit, 250 MSPS, monolithic pipeline analog to digital converter. Its bipolar analog core
operates from a 5 V supply, while the output uses a 3.3 V supply to provide LVDS compatible outputs. The
conversion process is initiated by the rising edge of the external input clock. At that instant, the differential input
signal is captured by the input track and hold (T&H) and the input sample is sequentially converted by a series of
small resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the
falling clock edges are used to propagate the sample through the pipeline every half clock cycle. This process
results in a data latency of four clock cycles, after which the output data is available as a 13 bit parallel word,
coded in offset binary format.
The analog input for the ADS5444 consists of an analog differential buffer followed by a bipolar track-and-hold.
The analog buffer isolates the source driving the input of the ADC from any internal switching. The input common
mode is set internally through a 500
Ω resistor connected from 2.4 V to each of the inputs. This results in a
differential input impedance of 1 k
Ω.
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swings
symmetrically between 2.4 +0.55 V and 2.4 -0.55 V. This means that each input has a maximum signal swing of
1.1 VPP for a total differential input signal swing of 2.2 VPP. The maximum swing is determined by the internal
reference voltage generator eliminating the need for any external circuitry for this purpose.
The ADS5444 obtains optimum performance when the analog inputs are driven differentially. The circuit in
Figure 33 shows one possible configuration using an RF transformer with termination either on the primary or on
the secondary of the transformer. If voltage gain is required, a step up transformer can be used. For voltage
gains that would require an impractical transformer turn ratio, a single-ended amplifier driving the transformer is
shown in Figure 34).
Figure 33. Converting a Single-Ended Input to a Differential Signal Using RF Transformers
Figure 34. Using the OPA695 With the ADS5444
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com