| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OV5658 bảng dữ liệu(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV5658 bảng dữ liệu(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() Full Resolution 5-Megapixel HD Video with High Dynamic Range for High-End Security and Surveillance Systems OV5658 5-megapixelproductbrief lead free available in a lead-free package The OV5658 is a 5-megapixel CameraChip™ sensor designed specifically for high-end security and surveillance applications. The high performance OV5658 leverages a 1.75-micron OmniBSI+™ pixel to deliver industry-leading sensitivity and high dynamic range (HDR) while maintaining the standard form factor for security applications. The sensor's industry-leading image and video quality ensure crisp and clear scene reproduction, even when recording in difficult lighting conditions. Additionally, the OV5658's resolution (up to 2592 x 1944 pixels) enables advanced features such as video analytics, biometrics and facial recognition. The OV5658 is the world's first security targeted, 1/3.2-inch sensor capable of capturing full-resolution 5-megapixel video at 30 frames per second (fps). The sensor is also capable of recording both 1080p or 720p HD video at 60 fps, or at 30 fps with extra pixels for electronic image stabilization (EIS). Find out more at www.ovt.com. |
Số phần tương tự - OV5658 |
|
Mô tả tương tự - OV5658 |