công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4702DA bảng dữ liệu(PDF) 1 Page - Advanced Linear Devices

tên linh kiện 4702DA
Giải thích chi tiết về linh kiện  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALD [Advanced Linear Devices]
Trang chủ  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

4702DA bảng dữ liệu(HTML) 1 Page - Advanced Linear Devices

  4702DA Datasheet HTML 1Page - Advanced Linear Devices 4702DA Datasheet HTML 2Page - Advanced Linear Devices 4702DA Datasheet HTML 3Page - Advanced Linear Devices 4702DA Datasheet HTML 4Page - Advanced Linear Devices 4702DA Datasheet HTML 5Page - Advanced Linear Devices 4702DA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADVANCED
LINEAR
DEVICES, INC.
ALD4702A/ALD4702B
ALD4702
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull class AB output drivers
• All parameters specified for +5V single supply
or
±2.5V dual supply systems
• Inputs can extend beyond supply rails by 300mV
• Outputs settle to 2mV of supply rails
• High load capacitance capability up to 4000pF
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical
• Ideal for high source impedance applications
• Dual power supply
±2.5V to ±5.0V operation
• Single power supply +5V to +12V operation
• High voltage gain-typically 85V/mV @
±2.5V
and 250V/mV @
±5.0V
• Drive as low as 2K
Ω load with 5mA drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/
µs
• Low power dissipation
GENERAL DESCRIPTION
The ALD4702 is a quad monolithic precision CMOS rail-to-rail
operational amplifier intended for a broad range of analog applications
using
±2.5V to ±6V dual power supply systems, as well as +4V to
+12V battery operated systems.
All device characteristics are
specified for +5V single supply or
±2.5V dual supply systems. Total
supply current for four operational amplifiers is 6mA maximum at 5V
supply voltage. It is manufactured with Advanced Linear Devices'
enhanced ACMOS silicon gate CMOS process.
The ALD4702 is designed to offer a trade-off of performance
parameters providing a wide range of desired specifications. It offers
the popular industry pin configuration of LM324 and ICL7641 types.
The ALD4702 has been developed specifically with the +5V single
supply or
±2.5V dual supply user. Several important characteristics
of the device make many applications easy to implement for these
supply voltages. First, the operational amplifier can operate with rail
to rail input and output voltages. This feature allows numerous
analog serial stages to be implemented without losing operating
voltage margin. Secondly, the device was designed to accommodate
mixed applications where digital and analog circuits may work off the
same 5V power supply. Thirdly, the output stage can drive up to
400pF capacitive and 5K
Ω resistive loads in non-inverting unity gain
connection and double the capacitance in the inverting unity gain
mode.
These features, coupled with extremely low input currents, high
voltage gain, useful bandwidth of 1.5MHz, a slew rate of 2.1V/
µs, low
power dissipation, low offset voltage and temperature drift, make the
ALD4702 a truly versatile, user friendly, operational amplifier.
The ALD4702 is designed and fabricated with silicon gate CMOS
technology, and offers 1pA typical input bias current. On-chip offset
voltage trimming allows the device to be used without nulling in most
applications. The device offers typical offset drift of less than 7
µV/
°C which eliminates many trim or temperature compensation circuits.
For precision applications, the ALD4702 is designed to settle to
0.01% in 8
µs.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage convert
• Coaxial cable driver
ORDERING INFORMATION
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD4702A DB
ALD4702A SB
ALD4702A PB
ALD4702B DB
ALD4702B SB
ALD4702B PB
ALD4702 DB
ALD4702 SB
ALD4702 PB
* Contact factory for industrial temperature range
PIN CONFIGURATION
DB, PB, SB Package
OUT D
-IN D
+IN D
V-
+IN C
-IN C
OUT C
OUT A
-IN A
+IN A
V+
+IN B
-IN B
OUT B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Số phần tương tự - 4702DA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
Banana Plug To In-Line Banana Jack
logo
List of Unclassifed Man...
4702 ETC2-4702 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Diotec Semiconductor
4702 DIOTEC-4702 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Filtran LTD
4702-05 FILTRAN-4702-05 Datasheet
77Kb / 1P
Power Transformers Low Profile
4702-06 FILTRAN-4702-06 Datasheet
77Kb / 1P
Power Transformers Low Profile
More results

Mô tả tương tự - 4702DA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
Quad Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com