công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AXIOM75SL bảng dữ liệu(PDF) 10 Page - Advanced XTAL Products

tên linh kiện AXIOM75SL
Giải thích chi tiết về linh kiện  Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXTAL [Advanced XTAL Products]
Trang chủ  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SL bảng dữ liệu(HTML) 10 Page - Advanced XTAL Products

Back Button AXIOM75SL Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 9Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 10Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 11Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 12Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 10(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
5.5 Electrical measurements
Table 11 shows all electrical measurements with its respective conditions and limits, which are performed for
all models. If not otherwise stated all measurements are performed at Tamb = 25°C ± 3°C and after a sufficient
stabilization time.
#
Parameter
Test Method
Conditions
Initial /
Interim
Final
Limits
1
Initial frequency
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
2
Output level
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
3
Current consumption
(steady state)
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
4
Current consumption
(warm-up)
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
5
Tuning range
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
6
Phase noise
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
7
Harmonics
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
8
Spurious
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
9
Warm-up @ +25°C
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
Table 11 – Electrical measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com