công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AXIOM75RH bảng dữ liệu(PDF) 8 Page - Advanced XTAL Products

tên linh kiện AXIOM75RH
Giải thích chi tiết về linh kiện  Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXTAL [Advanced XTAL Products]
Trang chủ  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75RH bảng dữ liệu(HTML) 8 Page - Advanced XTAL Products

Back Button AXIOM75RH Datasheet HTML 4Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 5Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 6Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 7Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 8Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 9Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 10Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 11Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 12Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75RH Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 8(16)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
4. General flow of manufacturing
The figure below shows the overall flow for manufacturing:
Procurement of components and add-ons
Assembly of oscillator
Fine tuning
Precap Inspection [By Customer on request]
Closing of oscillator
Screening (100%)
Group A inspection (100%)
Group C inspection (LAT1 and LAT2 only)
Group B inspection (100%)
Final Source Inspection Customer [On request]
Release for delivery
Destructive Physical Analysis (LAT2 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com