| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952302 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952302 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 15 page ![]() 5 ICS952302 0957B—10/05/04 Control Function Bit 7 Spread Position Center or Down SS RW Center Down 1 Bit 6 SS1 Spread Bit 1 RW 0 Bit 5 SS2 Spread Bit 2 RW 0 Bit 4 - Bit 3 - Bit 2 - Bit 1 - Bit 0 - Control Function Bit 7 - Bit 6 - Bit 5 - Bit 4 - Bit 3 - Bit 2 - Bit 1 - Bit 0 - Control Function Bit 7 - Bit 6 - Bit 5 - Bit 4 - Bit 3 - Bit 2 - Bit 1 - Bit 0 - SMBus Table: Vendor & Revision ID Register Control Function Bit 7 RID3 R - - x Bit 6 RID2 R - - x Bit 5 RID1 R - - x Bit 4 RID0 R - - x Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 See SS Table 1 Reserved Reserved Reserved SMBus Table: Control Register Reserved Reserved Reserved Reserved Pin # - Name Name 1 SMBus Table: Control Register 0 - - - - PWD Reserved - - - - - - - - - - - Byte 4 Pin # - PWD - - - - Byte 6 Pin # - - SMBus Table: Spread Spectrum Control Register Type PWD Type Reserved Reserved - - VENDOR ID - - Byte 7 Pin # Reserved Reserved Reserved PWD - REVISION ID - - - 0 Reserved Reserved - 0 Byte 5 Reserved Reserved Reserved 1 Type Name Reserved Reserved Reserved Name Type 0 1 |