| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP6502SP-13 bảng dữ liệu(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP6502SP-13 bảng dữ liệu(HTML) 13 Page - Diodes Incorporated |
|
13 / 14 page ![]() AP6502 Document Number: DS35423 Rev. 10- 2 14 of 14 www.diodes.com May 2017 © Diodes Incorporated AP6502 Ordering Information AP6502 XX - 13 Packing Package SP : SO-8EP 13 : Tape & Reel Device Package Code Packaging 13‖ Tape and Reel Quantity Part Number Suffix AP6502SP-13 SP SO-8EP 2500/Tape & Reel -13 Marking Information ( Top View ) AP6502 YY WW X Logo Part No 5 8 4 1 E WW : Week : 01~52; 52 YY : Year : 08, 09,10~ G : Green represents 52 and 53 week E : SO-8EP Blank SO-8 X X : Internal Code Package Outline Dimensions (All dimensions in mm.) Please see http://www.diodes.com/package-outlines.html for the latest version. (1) SO-8EP 1 b e 9° ( Al l side) N R 0 .1 7° D E0 E L Seating Plane Gauge Plane F EXPOSED PAD SO-8EP Dim Min Max Typ A 1.40 1.50 1.45 A1 0.00 0.13 - b 0.30 0.50 0.40 C 0.15 0.25 0.20 D 4.85 4.95 4.90 E 3.80 3.90 3.85 E0 3.85 3.95 3.90 E1 5.90 6.10 6.00 e - - 1.27 F 2.75 3.35 3.05 H 2.11 2.71 2.41 L 0.62 0.82 0.72 N - - 0.35 Q 0.60 0.70 0.65 All Dimensions in mm |