công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS431XRIX-Z bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS431XRIX-Z
Giải thích chi tiết về linh kiện  2.495V Programmable Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431XRIX-Z bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431XRIX-Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS431xRIX-Z
Taiwan Semiconductor
1
Version: B1608
2.495V Programmable Shunt Voltage Reference
DESCRIPTION
TS431
integrated
circuits
are
three-terminal
programmable
shunt
regulator
diodes.
These
monolithic IC voltage references operate as a low
temperature coefficient zener which is programmable
from VREF to 36V with two external resistors. These
devices exhibit a wide operating current range to
250mA with a typical dynamic
impedance of 0.2Ω.
The characteristics of these references make them
excellent replacements for zener diodes in many
applications such as digital voltmeters, power supplies,
and op amp circuitry. The 2.495V reference makes it
convenient to obtain a stable reference from 5.0V logic
supplies, and since The TS431 operates as a shunt
regulator, it can be used as either a positive or
negative stage reference.
FEATURES
●
Programmable Output Voltage up to 36V
●
TS431A – VREF 2.495V ±1% tolerance
●
TS431B – VREF 2.495V ±0.5% tolerance
●
Fast Turn-On Response
●
Sink Current Capability: 120mA
●
Low Dynamic Output Impedance: 0.2Ω (Typ.)
●
Min. Operating Cathode Current: 0.2mA (Typ.)
●
Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
●
Halogen-free according to IEC 61249-2-21
APPLICATION
●
SMPS
●
Lighting
●
Telecommunication
●
Home appliance
SOT-23
Pin Definition:
1. Cathode
2. Reference
3. Anode
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
SIMPLIFIED SCHEMATIC


Số phần tương tự - TS431XRIX-Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431 Datasheet
216Kb / 8P
Adjustable Precision Shunt Regulator
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
Taiwan Semiconductor Co...
TS431-Z TSC-TS431-Z Datasheet
552Kb / 10P
Adjustable Precision Shunt Regulator
TS431-Z TSC-TS431-Z_14 Datasheet
573Kb / 10P
Adjustable Precision Shunt Regulator
More results

Mô tả tương tự - TS431XRIX-Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431_15 Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com