| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
486DX2 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
486DX2 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() 5/8 ST 486 DX ASIC CORE ® SIMULATION ENVIRONMENT The key area of the design flow is the simulation environment that allows for multiple levels of design abstraction to be simulated concurrently. The Cadence Leapfrog/Verilog-XL simulation engine has been chosen for this “mix and match” approach, allowing for gate level functional and timing verification for individual modules to be performed within a high level description of the entire device. CORE MODELS The ST486DX core can be represented in the simulation environment through different model types such as a VHDL bus functional model or a Model Source hardware model. The Model Source option utilises ST486DX silicon interfaced to the VHDL/Verilog software co-simulation environment through a software shell. SY ST EM SY ST EM SPEC IFIC ATION BE H A VIO R AL HDL RTL HDL SY NTHE SIS PRE-L AYO UT G ATE L EVEL SIM U LATION LAYOU T PO ST-LAYO U T G ATE L EVEL SIM U LATION M ANUFA C T. AND TES T L EV EL 1 CUSTO ME R L EV EL 2 L EV EL 3 L EV EL 4 SG S-TH O M SO N SG S-T H O M SO N SG S-TH O M SO N SG S-T H O M SO N CUSTO M ER CUSTO ME R CUSTO M ER Figure 3. Customer Interfaces PACKAGE NAME 84 100 120 128 144 160 168 176 180 196 208 224 225 256 257 304 313 400 480 GQ FP PQFP TQFP BGA Plastic PGA CP GA POW PQFP with Slug or Spreader : Packages in production : Packages in development NUMBER OF LEADS (Pins) PACKAGE OPTIONS Figure 2. Standard Package Options |