công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1521 bảng dữ liệu(PDF) 4 Page - TT Electronics.

tên linh kiện DS1521
Giải thích chi tiết về linh kiện  Platon Automatic Flow Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS1521 bảng dữ liệu(HTML) 4 Page - TT Electronics.

  DS1521 Datasheet HTML 1Page - TT Electronics. DS1521 Datasheet HTML 2Page - TT Electronics. DS1521 Datasheet HTML 3Page - TT Electronics. DS1521 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT Electronics plc
Issue B 7/2017
Page 4
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Platon Automatic Flow Controller
DS1521
Every effort has been made during the preparation of this document to ensure the accuracy of statements and specifications. However, we do not accept
liability for damage, injury, loss or expense caused by errors or omissions made. We reserve the right to withdraw or amend products or documentation
without notice.
Head Office: 2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521
Fax: +44(0)114 243 4838
Size
mm
C
D
E
F
G
H
J
K
Weight kg
1/2”
3/4”
15
20
57
64
44
51
79
95
76
100
83
102
95
108
83
95
118
150
4.5
8
Size
mm
L
M
N
P
Q
R
Weight
1”
1½”
2”
3”
4”
25
40
50
80
100
127
152
181
216
241
102
114
130
140
140
117
138
170
176
197
168
189
265
271
292
117
121
136
140
143
98
102
121
130
136
13.5
23
32
50
68
Dimensions
Dimensions
INSTALLATION REQUIREMENTS
1. Flostats can be installed in any orientation.
2. A vent is fitted on the pressure housing on the top of the diaphragm to allow simple removal of trapped air on liquid
Flostats on start up (when installed in horizontal pipework).
3. If possible, the Flostat should be installed with five diameters of straight pipework upstream, and three diameters
downstream. (These dimensions are reversed for Type B models). This gives the flow measuring orifice the required
working conditions.
APPLICATION EXPERTISE
Flostat equipment has been manufactured by Platon for over 30 years for many different applications. Apart from provid-
ing sizing information for different process conditions, alternative designs are available to suit specific requirements.
Please provide full application information for any enquiry, particularly specifying:
Pipeline Size
Flow range required
Fluid type, SG and viscosity if unusual
Fluid temperature pressure
Required body and diaphragm materials
Flange type required
For special options, please specify if scale plate or factory preset flowrate required. For gas flows, advise whether Type A
or Type B suits the pressure conditions best.
For lower flow rates (down to 2cm³/min), please consult leaflet DS1511 describing the Flostat Type MN.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com