công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UP9504 bảng dữ liệu(PDF) 1 Page - uPI Group Inc.

tên linh kiện UP9504
Giải thích chi tiết về linh kiện  Phase Driver Embedded PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UPI [uPI Group Inc.]
Trang chủ  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9504 bảng dữ liệu(HTML) 1 Page - uPI Group Inc.

  UP9504 Datasheet HTML 1Page - uPI Group Inc. UP9504 Datasheet HTML 2Page - uPI Group Inc. UP9504 Datasheet HTML 3Page - uPI Group Inc. UP9504 Datasheet HTML 4Page - uPI Group Inc. UP9504 Datasheet HTML 5Page - uPI Group Inc. UP9504 Datasheet HTML 6Page - uPI Group Inc. UP9504 Datasheet HTML 7Page - uPI Group Inc. UP9504 Datasheet HTML 8Page - uPI Group Inc. UP9504 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
uP9504
1
uP9504-DS-F0000, May 2017
www.upi-semi.com
4/3/2/1+2/1/0-Phase Driver Embedded PWM Controller
with SMBus Digital Interface for FM2+ CPU Core Power
AMD SVI2 CPU Compliant
RCOT+TM Control Topology
Easy Setting
Smooth Mode Transition
Fast Transition Response
2 Integrated 12V MOSFET Drivers for VDD
Embedded Bootstrap Diode
Flexible Operation Phase Configuration
4/3/2/1-Phase PWM Controller for VDD
2/1/0-Phase PWM Controller for VDDA
Support Operation Phase Disable Function
Support 6+0 or 5+1 Phase Application
SMBus Interface for Performance and Efficiency
Optimization
Dynamic Programmable VR Parameters
Programmable Protection Thresholds
VR Output Reporting
Programmable Loop Gain
Programmable Operation Frequency
Inductor DCR Current Sensing for Droop/
Channel OCP/ Total OCP
Differential Current Sense Amplifier for Current
Balance
Differential Remote Output Voltage Sense
Transient Boost for Fast Transient Response
High Accuracy DAC
OCP/UVP/OVP/Thermal Shutdown
RoHS Compliant and Halogen Free
General Description
Features
Applications
AMD FM2+ Desktop CPU Power Supplies
AMD VGA Card GPU Power Supplies
Note:
(1) Please check the sample/production availability with
uPI representatives.
(2) uPI products are compatible with the current IPC/JEDEC
J-STD-020 requirement. They are halogen-free, RoHS
compliant and 100% matte tin (Sn) p lating that are suitable
for use in SnPb or Pb-free soldering processes.
r
e
b
m
u
N
r
e
d
r
Oe
g
a
k
c
a
Pk
r
a
m
e
R
Z
G
Q
P
4
0
5
9
P
uL
0
6
-
7
x
7
N
F
Q
V
Ordering Information
The uP9504 is an AMD SVI2 compliant desktop CPU voltage
regulator controller that integrates a 4-phase PWM
controller for VDD and a 2-phase controller for VDDA. The
VDD controller can be configured as 4/3/2/1-phase, and the
VDDA controller can be configured as 2/1/0-phase (0
denotes VDDA controller is disabled) for platform power
design flexibility. This part integrates 2 bootstrap diode
embedded 12V MOSFET drivers. For the typical 4+2-phase
application, the 4-phase VDD controller has 2 embedded
MOSFET driver and 2 PWM outputs. The 2-phase VDDA
controller has 2 PWM outputs. The controller provides further
flexible operating phase configurations to support 6+0 or
5+1 phase application (0 denotes VDDA controller is
disabled). The integrated SMBus interface programmability
makes this part with high performance and easy design.
Designer can define different power scenario for different
current states to optimize the performance and efficiency.
The uP9504 combines true differential output voltage sense,
differential inductor DCR current sense, input voltage feed-
forward sense and adaptive voltage positioning to provide
accurately regulated power for desktop CPU. It adopts uPI
proprietary RCOT+TM (Robust Constant On-Time) topology
to have fast transient response and smooth mode
transition. Similar to digital based PWM controller, the loop
gain is also programmable by SMBus interface to achieve
design flexibility.
The uP9504 has built-in serial interface to communicate
with AMD SVI2 compliant CPU. It supports mode transition
function with various operating states. This part provides
two different VID on-the-fly slew rates, which can be
programmed by the SMBus register.
The uP9504 provides power good indicator and selectable
VR parameters, such as SMBus device address and Vboot
voltage. It also provides complete fault protection functions,
including over voltage, under voltage, over current, over
temperature and under voltage lockout. The uP9504 is
available in VQFN7x7-60L package.
Pin Configuration
CSN4
53
52
51
50
42 41 40 39
4
3
2
1
6
5
38 37
55
54
61 GND
10
9
8
7
12
11
13
CSP4
33
34
35
36
31
32
30
46
45 44 43
48
47
49
PWROK
19
18
17
16
15
14
25
24
23
22
21
20
26
29
27
28
56
PWM4
TP
TONSET
PWM3
IMON
COMP
EAP
DAC
FB
IMONA
FBRTN
PWM1A
CSPA
CSNA
CSN
CSP
CSP1A
CSN1A
CSP2A
CSN2A
CSP3
CSN3
57
58
59
60
PWM2A
TSENA
VRHOT#
TSEN
VINSEN


Số phần tương tự - UP9504

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
uPI Group Inc.
UP9503P UPI-UP9503P Datasheet
636Kb / 39P
Phase Driver Embedded PWM Controller
UP9503PQGW UPI-UP9503PQGW Datasheet
636Kb / 39P
Phase Driver Embedded PWM Controller
UP9503Q UPI-UP9503Q Datasheet
611Kb / 38P
Phase Driver Embedded PWM Controller
UP9503QQGW UPI-UP9503QQGW Datasheet
611Kb / 38P
Phase Driver Embedded PWM Controller
UP9505 UPI-UP9505 Datasheet
646Kb / 40P
Phase PWM Controller
More results

Mô tả tương tự - UP9504

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
Signal Phase PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
logo
uPI Group Inc.
UP9505 UPI-UP9505 Datasheet
646Kb / 40P
Phase PWM Controller
UP9506 UPI-UP9506 Datasheet
698Kb / 49P
Phase Driver Embedded PWM Controller
UP1649Q UPI-UP1649Q Datasheet
388Kb / 29P
Phase PWM Controller
UP9503P UPI-UP9503P Datasheet
636Kb / 39P
Phase Driver Embedded PWM Controller
UP9503Q UPI-UP9503Q Datasheet
611Kb / 38P
Phase Driver Embedded PWM Controller
UP9507 UPI-UP9507 Datasheet
1,008Kb / 28P
3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com