| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSM2380 bảng dữ liệu(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2380 bảng dữ liệu(HTML) 24 Page - Analog Devices |
|
24 / 32 page ![]() SSM2380 Rev. A | Page 24 of 32 I2C INTERFACE SDA generates the serial control data-word, and SCK clocks the serial data. The I2C bus address (Bits[A7:A1]) is 0x31 (01100010 for write and 01100011 for read). Bit A0 is the designated read/write bit. The I2C interface provides access to the user-selectable control registers and operates with a 2-wire interface. Each control register consists of 16 bits, MSB first. Bits[B15:B9] are the register map address, and Bits[B8:B0] are the register data for the associated register map. P 9 8 1TO 7 9 8 1TO 7 9 8 1TO 7 S SDA SCK START ADDR R/W ACK ACK SUBADDRESS ACK STOP DATA Figure 49. SSM2380 2-Wire I2C Generalized Clocking Diagram WRITE SEQUENCE READ SEQUENCE SA1 A7 A0 A(S) A(S) S B15 B9 0 01 0P 0 ... A1 A7 A0 A(S) ... B0 B8 B7 A(M) A(M) ... B0 B7 P ... ... ... DEVICE ADDRESS DEVICE ADDRESS REGISTER ADDRESS SA1 A7 A0 A(S) A(S) A(S) B15 B9 B8 0 ... ... DEVICE ADDRESS REGISTER ADDRESS REGISTER DATA (SLAVE DRIVE) REGISTER DATA S = P = A0 = A(S) = A(M) = A(M) = START BIT. STOP BIT. I2C R/W BIT. ACKNOWLEDGE BY SLAVE. ACKNOWLEDGE BY MASTER. ACKNOWLEDGE BY MASTER (INVERSION). Figure 50. I2C Write and Read Sequences |