công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMA4F12AH bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SMA4F12AH
Giải thích chi tiết về linh kiện  400W, 12V ??60V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMA4F12AH bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMA4F12AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMA4F12AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMA4F12AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMA4F12AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMA4F12AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMA4F12AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMA4F12AH - SMA4F60AH
Taiwan Semiconductor
1
Version: A1805
400W, 12V – 60V Surface Mount Transient Voltage Suppressor
FEATURES
● AEC-Q101 qualified
● Glass passivated junction chip
● Maximum VBR temperature coefficient: 0.095%/°C
● Moisture sensitivity level: level 1, per J-STD-020
● Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Motor for BLDC
● Lighting application
● Battery Management System
● Automotive
MECHANICAL DATA
● Case: Thin SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Uni-directional
● Weight: 30mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
VWM
12 – 60
V
VBR
13.4 – 74.1
V
PPPM
400
W
TJ MAX
175
°C
Package
Thin SMA
Thin SMA
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Non-repetitive peak impulse power dissipation with
10/1000us waveform
(1)
PPPM
400
W
Steady state power dissipation at TL=25°C
(2)
PD
7.5
W
Forward Voltage @ IF=25A for Uni-directional only
(3)
VF
3.5
V
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C
Notes:
1.
Non-repetitive current pulse per fig. 3 and derated above TA=25°C per fig. 1
2.
Units mounted on PCB (5mm x 5mm Cu pad test board)
3.
Pulse test with PW=0.3 ms


Số phần tương tự - SMA4F12AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SMA4F12A STMICROELECTRONICS-SMA4F12A Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
More results

Mô tả tương tự - SMA4F12AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
400W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
logo
Taiwan Semiconductor Co...
SMA4S12AH TSC-SMA4S12AH Datasheet
333Kb / 6P
400W, 12V ??60V Surface Mount Transient Voltage Suppressor
SMA6F12AH TSC-SMA6F12AH Datasheet
332Kb / 6P
600W, 12V ??60V Surface Mount Transient Voltage Suppressor
SMA6S12AH TSC-SMA6S12AH Datasheet
333Kb / 6P
600W, 12V ??60V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com