| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L16B06G-R24-R bảng dữ liệu(PDF) 12 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L16B06G-R24-R bảng dữ liệu(HTML) 12 Page - Unisonic Technologies |
|
12 / 13 page ![]() L16B06 Preliminary CMOS IC UNISONIC TECHNOLOGIES CO., LTD 12 of 13 www.unisonic.com.tw QW-R502-A45.c POWER DI SSI PAT I ON The power dissipation of a semiconductor chip is limited to its package and ambient temperature, in which the device requires the maximum output current calculated for given operating conditions. The maximum allowable power consumption can be calculated by the following equation: TJ (Junction temperature)(max)(°C) – TA(Ambient Temperature) PD(max)(watt)= RTH (Junction - to – air thermal resistance)(°C/watt) The power consumption of IC can be determined by the following equation an should be less than the maximum allowable power dissipation: PD(W) = VCC(V) × IDD(A) + VOUT 0 × IOUT 0 × DUTY 0 + ….. + VOUT 15 × IOUT 15 × DUTY 15 ≤ PD (max)(W) T Y PI CAL APPLI CAT I ON |