công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6044T bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện MCP6044T
Giải thích chi tiết về linh kiện  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044T bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button MCP6044T Datasheet HTML 13Page - Microchip Technology MCP6044T Datasheet HTML 14Page - Microchip Technology MCP6044T Datasheet HTML 15Page - Microchip Technology MCP6044T Datasheet HTML 16Page - Microchip Technology MCP6044T Datasheet HTML 17Page - Microchip Technology MCP6044T Datasheet HTML 18Page - Microchip Technology MCP6044T Datasheet HTML 19Page - Microchip Technology MCP6044T Datasheet HTML 20Page - Microchip Technology MCP6044T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 17
MCP6041/2/3/4
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
Legend: XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
MCP6041
I/PNNN
YYWW
MCP6041
I/SNYYWW
NNN
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6041
YWWNNN
1
23
5
4
5-Lead SOT-23 (MCP6041 only)
Example:
XXNN
1
23
5
4
SBNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32