| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6041T bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6041T bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 32 page ![]() 2002 Microchip Technology Inc. DS21669B-page 3 MCP6041/2/3/4 MCP6041/2/3/4 AC ELECTRICAL SPECIFICATIONS SPECIFICATIONS FOR MCP6043 CHIP SELECT FEATURE MCP6041/2/3/4 TEMPERATURE SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +5 V, VSS = GND, TA = 25 °C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF, and VOUT ~ VDD/2 Parameters Sym Min Typ Max Units Conditions Gain Bandwidth Product GBWP — 14 — kHz Slew Rate SR — 3.0 — V/ms Phase Margin PM — 65 — ° G = +1 Input Voltage Noise En — 5.0 — µVp-p f = 0.1 Hz to 10 Hz Input Voltage Noise Density en —170 — nV/ √Hz f = 1 kHz Input Current Noise Density in —0.6 — fA/ √Hz f = 1 kHz Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4 V to +5.5 V, VSS = GND, TA = 25 °C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF, and VOUT ~ VDD/2 Parameters Sym Min Typ Max Units Conditions CS Low Specifications: CS Logic Threshold, Low VIL VSS —VSS + 0.3 V For entire VDD range CS Input Current, Low ICSL —5.0 — pA CS = VSS CS High Specifications: CS Logic Threshold, High VIH VDD - 0.3 — VDD V For entire VDD range CS Input Current, High ICSH —5.0 — pA CS = VDD CS Input High, GND Current IQ —20 — pA CS = VDD Amplifier Output Leakage, CS High — 20 — pA CS = VDD Dynamic Specifications: CS Low to Amplifier Output High Turn-on Time tON —2.0 50 ms CS low = VSS + 0.3 V, G = +1 V/V, VOUT = 0.9 VDD/2 CS High to Amplifier Output High Z tOFF —10 — µs CS high = VDD - 0.3 V, G = +1 V/V VOUT = 0.1 VDD/2 Hysteresis VHYST —0.6 — V VDD = 5 V Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4 V to +5.5 V, VSS = GND Parameters Symbol Min Typ Max Units Conditions Temperature Ranges: Specified Temperature Range TA -40 — +85 °C Operating Temperature Range TA -40 — +125 °C Note 1 Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances: Thermal Resistance, 5L-SOT23 θJA — 256 — °C/W Thermal Resistance, 8L-PDIP θJA — 85 — °C/W Thermal Resistance, 8L-SOIC θJA — 163 — °C/W Thermal Resistance, 8L-MSOP θJA — 206 — °C/W Thermal Resistance, 14L-PDIP θJA — 70 — °C/W Thermal Resistance, 14L-SOIC θJA — 120 — °C/W Thermal Resistance, 14L-TSSOP θJA — 100 — °C/W Note 1: The MCP6041/2/3/4 family of op amps operates over this extended range, but with reduced performance. |