công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC4617 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện 2SC4617
Giải thích chi tiết về linh kiện  NPN Silicon General Purpose Amplifier Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4617 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  2SC4617 Datasheet HTML 1Page - ON Semiconductor 2SC4617 Datasheet HTML 2Page - ON Semiconductor 2SC4617 Datasheet HTML 3Page - ON Semiconductor 2SC4617 Datasheet HTML 4Page - ON Semiconductor 2SC4617 Datasheet HTML 5Page - ON Semiconductor 2SC4617 Datasheet HTML 6Page - ON Semiconductor 2SC4617 Datasheet HTML 7Page - ON Semiconductor 2SC4617 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPN Silicon General Purpose
Amplifier Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SOT-416/SC–90 package
which is designed for low power surface mount applications, where
board space is at a premium.
• Reduces Board Space
• High hFE, 210–460 (typical)
• Low VCE(sat), < 0.5 V
• Available in 8 mm, 7-inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current — Continuous
IC
100
mAdc
DEVICE MARKING
2SC4617 = B9
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation(1)
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 µAdc, IE = 0)
V(BR)CBO
50
—
—
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
—
—
Vdc
Emitter-Base Breakdown Voltage (IE = 50 µAdc, IE = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
—
—
0.5
µA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
—
—
0.5
µA
Collector-Emitter Saturation Voltage(2)
(IC = 60 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
0.4
Vdc
DC Current Gain(2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
—
560
—
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
—
180
—
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1 MHz)
COB
—
2.0
—
pF
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 3
1
Publication Order Number:
2SC4617/D
2SC4617
NPN GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
CASE 463–01, STYLE 1
SOT–416/SC–90
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER


Số phần tương tự - 2SC4617

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
Rohm
2SC4617 ROHM-2SC4617 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
Weitron Technology
2SC4617 WEITRON-2SC4617 Datasheet
240Kb / 5P
NPN General Purpose Transistors
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
More results

Mô tả tương tự - 2SC4617

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
Silicon NPN Transistor General Purpose Amplifier
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
General Purpose Amplifier NPN Silicon Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com