| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IC-PI bảng dữ liệu(PDF) 16 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-PI bảng dữ liệu(HTML) 16 Page - IC-Haus GmbH |
|
16 / 49 page ![]() preliminary preliminary iC-PI PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER Rev B1, Page 16/48 Register Map Addr Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Output Driver Settings 0x22 0 0 SIK(1:0) SSR(1:0) TRIHL(1:0) Line Counter 0x23 LINECNT(7:0) 0x24 0 0 LINECNT(13:8) Sine-To-Digital-Conversion, Calibration, Commutation 0x25 0 POLES(2:0) 0 0 0 0 Reserved 0x26 OFFSET(7:0) 0x27 0 0 0 0 0 0 0 0 0x28 0 0 0 0 0 0 0 0 0x29 free for OEM data 0x2A free for OEM data 0x2B free for OEM data 0x2C free for OEM data 0x2D free for OEM data 0x2E free for OEM data Checksum 0x2F CHKSUM(7:0) Error Register 0x30 ERRFIRST(7:0) 0x31 ERRACT(5:0) ERRFIRST(9:8) 0x32 ERRACC(3:0) ERRACT(9:6) 0x33 0 0 ERRACC(9:4) Position Data 0x34 SENSDAT(11:4) 0x35 SENSDAT(3:0) XD ESYNC EINC 0x36 PMODE PERIOD(14:8) 0x37 PERIOD(7:0) 0x3F CHPREL(7:0), refer to Table 10 Notes The device RAM initially contains random data following power-on. Table 4: Register Layout (EEPROM) |