công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT95L10P bảng dữ liệu(PDF) 18 Page - Holtek Semiconductor Inc

tên linh kiện HT95L10P
Giải thích chi tiết về linh kiện  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95L10P bảng dữ liệu(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT95L10P Datasheet HTML 14Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 15Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 16Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 17Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
HT95L100/10P
Rev. 0.10
18
October 1, 2002
Preliminary
Register
Label
Bits
R/W
Function
LCDIO
(28H)
¾
0~4
6~7
RO
Unused bit, read as
²0²
SPE0
5
RW
0: SEG16~ SEG19 pins are LCD segment output
1: SEG16~ SEG19 pins are PE0~PE3 pins
DTMF generator
The DTMF (Dual Tone Multiple-Frequency) signal gen-
erator is implemented in the telephone controller. It can
generate 16 dual tones and 8 single tones from the
DTMF pin. This generators also support power down,
tone on/off function. The DTMF generator clock source
is 3.58MHz, before using this function, the system oper-
ation mode must be at Normal mode.
The power down mode (D_PWDN=1) will terminate all
the DTMF generator function, however, the registers
DTMFC and DTMFD are accessible at this power down
mode.
The duration of DTMF output should be handled by the
software. DTMFD register value could be changed as
desired, the DTMF pin will output the new dual-tone si-
multaneously.
Register
Label
Bits
R/W
Function
DTMFC
(20H)
D_PWDN
0
RW
DTMF generator power down
1: DTMF generator is at power down mode.
0: DTMF generator is at operation mode.
¾
1RO
Unused bit, read as
²0²
TONE
2
RW
Tone output enable
1: DTMF signal output is enabled.
0: DTMF signal output is disabled.
¾
7~3
RO
Unused bit, read as
²0²
DTMFD
(21H)
TC4~TC1
3~0
RW
To set high group frequency
TR4~TR1
7~4
RW
To set low group frequency
The DTMF pin output is controlled by the combination of the D_PWDN, TONE, TR~TC value.
Control Register Bits
DTMF Pin Output Status
D_PWDN
TONE
TR4~TR1/TC4~TC1
1x
x
0
0
0
x
1/2 VDD
0
1
0
1/2 VDD
0
1
Any valid value
16 dual tones or 8 signal tones, bias with 1/2 VDD
1 / 2 V D D
T O N E = 1
A l l t h e t i m i n g o f t h e T O N E = 1 a n d T O N E = 0 a r e d e t e r m i n e d b y s o f t w a r e
T O N E = 0
T O N E = 1
T O N E = 0
T O N E = 1
T O N E = 0
D _ P D W N = 0
D _ P D W N = 1
DTMF output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com