công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS6264LLFPI bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện WS6264LLFPI
Giải thích chi tiết về linh kiện  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLFPI bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WS6264LLFPI Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264LLFPI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.0
7
LOW Vcc DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
Data Retention Mode
CE2
V
tCDR
tR
IL
VIL
DR
V > 2.0V
VCC
CE2
< 0.2v
AC TEST CONDITIONS
KEY TO SWITCHING WAVEFORMS
Input Pulse Levels
Vcc/0V
WAVEFORMS
INPUTS
OUTPUTS
Input Rise and Fall Times
5ns
MUST BE STEADY MUST BE STEADY
Input and Output Timing
Reference Level
0.5Vcc
Output Load
See FIGURE 1A
and 1B
MAY CHANGE
FROM H TO L
WILL BE CHANGE FROM H
TO L
MAY CHANGE
FROM L TO H
WILL BE CHANGE FROM L
TO H
DON’T CARE ANY
CHANGE
PERMITTED
CHANGE STATE
UNKNOWN
DOES NOT APPLY
CENTER LINE IS HIGH
IMPEDANCE OFF STATE
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com