| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8596 bảng dữ liệu(PDF) 7 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8596 bảng dữ liệu(HTML) 7 Page - PHOENIX CONTACT |
|
7 / 12 page ![]() AXL E IOL AO1 I M12 S 8596_en_04 PHOENIX CONTACT 7 10 Assembly Figure 6 Connection of an actuator to an IO-Link master via the converter • Connect the IO-Link interface of the converter to an IO- Link port of the higher-level IO-Link master using a stan- dardized 3-pos. cable. • Connect the analog actuator directly to the analog con- verter output or using a shielded 4-pos. cable. • Fasten each connection using the M12 connectors. 11 Local status indicator Figure 7 Local status indicator In environments with high levels of interfer- ence, in particular, Phoenix Contact recom- mends connecting the converter to an appropriate functional earth ground point using an M4 screw. Desig- nation Color Mean- ing State Description COM Green Status of IO-Link device ON Supply voltage OK Flashing Supply voltage OK, SDCI commu- nication active OFF No supply voltage, no communication COM |