| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5669RBCBZ-1-R5 bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5669RBCBZ-1-R5 bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 30 page ![]() Data Sheet AD5629R/AD5669R Rev. F | Page 27 of 30 Table 13. 32-Bit Input Shift Register Contents for Power-Down/Power-Up Function MSB LSB DB23 DB22 DB21 DB20 DB19 to DB16 DB15 to DB10 DB9 DB8 DB7 to DB1 DB0 0 1 0 0 X X PD1 PD0 DAC H to DAC B DAC A Command bits (C3 to C0) Address bits (A3 to A0)— don’t cares Don’t cares Power- down mode Power-down/power-up channel selection— set bit to 1 to select Table 14. 32-Bit Input Shift Register Contents for Clear Code Function MSB LSB DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 to DB2 DB1 DB0 0 1 0 1 X X X X X CR1 CR0 Command bits (C3 to C0) Address bits (A3 to A0)—don’t cares Don’t cares Clear code register Table 15. Clear Code Register Clear Code Register DB1 DB0 CR1 CR0 Clears to Code 0 0 0x0000 0 1 0x8000 1 0 0xFFFF 1 1 No operation |