| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP7001 bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
MP7001 bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 7 page ![]() MP7001 2000-12-22 2/7 2. Electrical Characteristics (Ta ==== 25°C) Diode Characteristics Symbol Test Condition Min Typ. Max Unit Peak forward voltage (1) VFM (1) IF = 12.5 A ¾ 1.0 1.2 V Peak forward voltage (2) VFM (2) IF = 30 A ¾ 1.20 1.55 V Repetitive peak reverse Current IRRM VRRM = 600 V 10 mA Peak reverse current (D1, D2) Irr IF = 30 A 100 A Thermal resistance Rth (j-c) ¾ ¾ ¾ 3.5 °C/W IGBT Characteristics Symbol Test Condition Min Typ. Max Unit Gate leakage current IGES VGE = ±20 V, VCE = 0 ¾ ¾ ±500 nA Collector cut-off current ICES VCE = 600 V, VGE = 0 ¾ ¾ 1.0 mA Gate-emitter cut-off voltage VGE (OFF) IC = 30 mA, VCE = 5 V 3.0 ¾ 6.0 V Collector-emitter saturation voltage VCE (sat) IC = 30 A, VGE = 15 V ¾ 2.0 2.7 V Input capacitance Cies VCE = 10 V, VGE = 0, f = 1 MHz ¾ 2100 ¾ pF Rise time tr ¾ 0.36 ¾ Turn-on time ton ¾ 0.59 ¾ Fall time tf ¾ 0.27 0.42 Switching time Turn-off Time toff Load resistance VCC = 300 V, IC = 30 A VGE = ±15 V, (RG = 56 W) (Note) ¾ 0.51 ¾ ms Thermal Resistance Rth (j-c) ¾ ¾ 3.3 °C/W 3. Mechanical Rating Characteristics Min Typ. Max Unit Fastening torque ¾ ¾ 1.5 Nm Note: Switching time test circuit & timing chart Load Resistance Test Circuit Waveform -15 V 15 V 10 W RG = 56 W 50 ms 0 90% 10% 0 0 90% 10% 90% ton toff tf 10% tr VGE IC |