công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXRFDSM607X2 bảng dữ liệu(PDF) 8 Page - IXYS Corporation

tên linh kiện IXRFDSM607X2
Giải thích chi tiết về linh kiện  15 A Low-Side RF MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFDSM607X2 bảng dữ liệu(HTML) 8 Page - IXYS Corporation

Back Button IXRFDSM607X2 Datasheet HTML 2Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 3Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 4Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 5Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 6Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 7Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 8Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 9Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
15 A Low-Side RF MOSFET Driver
IXRFDSM607X2
8
Fig. 24 Footprint and PCB layout
For optimum results, multiple pins of the same type should be grouped together on the PCB as shown below. This as-
sures wide traces to the attached driver and load, minimizing parasitic inductance. For best operation, the ground lead
groups are ideally incorporated into a large contiguous ground plane on the same side of mounting on the circuit board.
In other words, instead of routing ground traces to the device during layout, the footprint is set over a large ground plane
with drain and gate traces routed out of the ground plane. This is done during layout by first establishing a polygon that
covers the entire PCB, representing the ground plane, that is ‘poured’ around needed traces by the layout software.
inch/mm
Grouped pins
on Vcc and
input side
Grouped pins on GND
and output side



Html Pages

1 2 3 4 5 6 7 8 9 10