| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCD128410QCE bảng dữ liệu(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
SCD128410QCE bảng dữ liệu(HTML) 45 Page - Intel Corporation |
|
45 / 176 page ![]() IEEE 1284-Compatible Parallel Interface Controller — CD1284 Datasheet 45 Figure 7. Interrupt Generation Logic FAILED NEG (INVALID EXTCODE) [COMPATIBLE MODE] NSR=0x41 TERMINATION [COMPATIBLE MODE] NSR=0x82 NEG-OK NSR=0x86[EPP MODE]{40} NSR=0x88[RN MODE] {00} NSR=0x8A[RB MODE]{01} NSR=0x8C[ECP w/o RLE]{10} NSR=0x8E[ECP w/ RLE]{30} NEG-OK NSR=0x89[RN ID REQUEST]{04} NSR=0x8B[RB ID REQUEST]{05} NSR=0x8D[ECP w/o RLE ID REQUEST]{14} NSR=0x8F[ECP w/ RLE ID REQUEST]{34} IDREQ PCISR[1] NEGCH PCISR[5] IDREQ PCIER[1] FAILED NEG MODE NOT ENABLED [COMPATIBLE MODE] NSR=0x46 (EPP) NSR=0x48 (RN) NSR=0x49 (RN-ID) NSR=0x4A (RB) NSR=0x4B (RB-ID) NSR=0x4C (ECP) NSR=0x4D (ECP-ID) NSR=0x4E (ECP-RLE) NSR=0x4F (ECP-RLE-ID) HOST-TIMEOUT HOST HAS NOT RESPONDED FOR OVER 1 SEC.) [COMPATIBLE MODE] NSR=0x22 INVALID/ImedTerm HOST HAS VIOLATED HANDSHAKING SEQUENCE [COMPATIBLE MODE] NSR=0x16 (EPP) NSR=0x18 (RN) NSR=0x19 (RN-ID) NSR=0x1A (RB) NSR=0x1B (RB-ID) NSR=0x1C (ECP) NSR=0x1D (ECP-ID) NSR=0x1E (ECP-RLE) NSR=0x1F (ECP-RLE-ID) An immediate termination from the Host will generate this interrupt ID requests will fail if either the negotiation type or RID is disabled in NER. Other negotiations will also fail if the negotiation type is disabled. KEY:[]=Currentmode { } = Interface extensibility request value (see IEEE1284 Spec. for more details) (register name[x]) : x = bit #, that is PCIER[1] = PCIER, bit 1 NEGCH PCIER[5] |