| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5675 bảng dữ liệu(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5675 bảng dữ liệu(HTML) 17 Page - Analog Devices |
|
17 / 27 page ![]() Data Sheet AD5675 Rev. C | Page 17 of 27 Multiplying Bandwidth The multiplying bandwidth is a measure of the finite bandwidth of the amplifiers within the DAC. A sine wave on the reference (with full-scale code loaded to the DAC) appears on the output. The multiplying bandwidth is the frequency at which the output amplitude falls to 3 dB below the input. Total Harmonic Distortion (THD) THD is the difference between an ideal sine wave and its attenuated version using the DAC. The sine wave is used as the reference for the DAC, and the THD is a measurement of the harmonics present on the DAC output. THD is measured in dB. |