| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NVSW119CT bảng dữ liệu(PDF) 13 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NVSW119CT bảng dữ liệu(HTML) 13 Page - NICHIA CORPORATION |
|
13 / 32 page ![]() NICHIA STS-DA1-3562G <Cat.No.180925> 12 PACKAGING - TAPE & REEL Nichia LED STS-DA7-4989 Nxxxxxxx Label Label 管理番号 No. Reel ー 熱 ー Seal Moisture-proof Bag ミ防湿袋 RoHS Nxxxxxxx XXXX LED ******* NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN TYPE LOT QTY. YMxxxx-RRR PCS RoHS Nxxxxxxx XXXX LED ******* RRR PCS TYPE RANK QTY. NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN Reels are shipped with desiccants in heat-sealed moisture-proof bags. カ ー ミ防湿袋 入 熱 ー 封 します Desiccants カ Moisture-proof bags are packed in cardboard boxes with corrugated partitions. ミ防湿袋 並べ 入 ダンボー 仕 ます ダンボー 防水加工 さ ませ 梱包箱水 濡 い う注意し さい * 輸送 運搬 際し 弊社 梱包状態あ い 等梱包行 さい * 取 扱い 際し 落させ 強い衝撃与え します 製品損傷させ 原因 ます 注意し さい * Using the original package material or equivalent in transit is recommended. Do not expose to water. The box is not water-resistant. Do not drop or expose the box to external forces as it may damage the products. Products shipped on tape and reel are packed in a moisture-proof bag. They are shipped in cardboard boxes to protect them from external forces during transportation. * 本製品 ーピン し 輸送衝撃保護す ダンボー 梱包します If not provided, it will not be indicated on the label. ******* is the customer part number. 客型 設定さ い い場合空白 す * 客型 ******* 示します 参照し さい For details, see "LOT NUMBERING CODE" in this document. * ッ 表記方法 い ッ 番号 The label does not have the RANK field for un-ranked products. * ン け い場合 ン 表記あ ませ |