công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NFSW757GT bảng dữ liệu(PDF) 7 Page - NICHIA CORPORATION

tên linh kiện NFSW757GT
Giải thích chi tiết về linh kiện  WHITE LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHIA [NICHIA CORPORATION]
Trang chủ  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757GT bảng dữ liệu(HTML) 7 Page - NICHIA CORPORATION

Back Button NFSW757GT Datasheet HTML 3Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 4Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 5Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 6Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 7Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 8Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 9Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 10Page - NICHIA CORPORATION NFSW757GT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NICHIA STS-DA1-4427 <Cat.No.160902>
6
* If the top cover tape is removed right next to where the nozzle picks up the LEDs, regardless of whether the LEDs have been baked
or not, it may cause the LED to be picked up incorrectly; it is recommended to remove the top cover tape further
from where the nozzle picks up the LEDs. Ensure that there are no issues with the conditions when the nozzle picks up the LEDs.
● Recommended Tape Removal Position(Removing the cover tape further from the pick-and-place nozzle)
吸着ノ
Pick-and-place nozzle
キャ
ープ引 出し方向
Feed Direction of the Carrier Tape
ープ
離位置
Tape Removal Position
製品 ープ
Top Cover Tape
● Incorrect Tape Removal Position(Removing the cover tape right next to the pick-and-place nozzle)
製品 ープ
Top Cover Tape
吸着ノ
Pick-and-place nozzle
ープ
離位置
Tape Removal Position
キャ
ープ引 出し方向
Feed Direction of the Carrier Tape
* Verify the setting conditions when the LEDs are mounted onto a PCB to ensure that the LEDs are mounted onto the PCB
with the correct polarity. If the cathode mark is not able to be easily recognized with a visual inspection,
check the back or side of the LED to determine the polarity.
* The recommended soldering pad pattern is designed for attachment of the LED without problems.
When precise mounting accuracy is required, such as high-density mounting, ensure that the size and shape of the pad
are suitable for the circuit design.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner
where the flux will come in contact with the LEDs.
* Make sure that there are no issues with the type and amount of solder that is being used.
* All of the electrode pads are on the backside of this product; solder connections will not be able to be seen nor confirmed
by a normal visual inspection. When using the product, ensure that there are no issues with the soldering conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com