công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9910 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện TDA9910
Giải thích chi tiết về linh kiện  12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9910 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button TDA9910 Datasheet HTML 13Page - NXP Semiconductors TDA9910 Datasheet HTML 14Page - NXP Semiconductors TDA9910 Datasheet HTML 15Page - NXP Semiconductors TDA9910 Datasheet HTML 16Page - NXP Semiconductors TDA9910 Datasheet HTML 17Page - NXP Semiconductors TDA9910 Datasheet HTML 18Page - NXP Semiconductors TDA9910 Datasheet HTML 19Page - NXP Semiconductors TDA9910 Datasheet HTML 20Page - NXP Semiconductors TDA9910 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
© Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 9 December 2004
Document number: 9397 750 14418
Published in The Netherlands
Philips Semiconductors
TDA9910
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC)
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Thermal characteristics. . . . . . . . . . . . . . . . . . . 5
9
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
10
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
10.1
Static parameters . . . . . . . . . . . . . . . . . . . . . . 12
10.1.1
INL (integral non-linearity) . . . . . . . . . . . . . . . 12
10.1.2
DNL (differential non-linearity) . . . . . . . . . . . . 12
10.2
Dynamic parameters. . . . . . . . . . . . . . . . . . . . 13
10.2.1
SINAD (signal-to-noise and distortion) . . . . . . 13
10.2.2
ENOB (effective number of bits) . . . . . . . . . . . 13
10.2.3
THD (total harmonic distortion). . . . . . . . . . . . 13
10.2.4
SNR (signal-to-noise ratio) . . . . . . . . . . . . . . . 14
10.2.5
SFDR (spurious free dynamic range) . . . . . . . 14
10.2.6
IMD2 (IMD3) . . . . . . . . . . . . . . . . . . . . . . . . . . 14
11
Application information. . . . . . . . . . . . . . . . . . 16
11.1
TDA9910 in 3G radio receivers. . . . . . . . . . . . 16
11.2
Application diagram . . . . . . . . . . . . . . . . . . . . 17
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 18
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 19
14
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 20
15
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
16
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
17
Contact information . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com