công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXSN50N60BD2 bảng dữ liệu(PDF) 1 Page - IXYS Corporation

tên linh kiện IXSN50N60BD2
Giải thích chi tiết về linh kiện  Short Circuit SOA Capability Buck & boost configurations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSN50N60BD2 bảng dữ liệu(HTML) 1 Page - IXYS Corporation

  IXSN50N60BD2 Datasheet HTML 1Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 2Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 3Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 4Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 - 5
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 3 mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 4 mA, V
CE = VGE
48
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
350
mA
V
GE = 0 V
T
J = 125°C5
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.2
2.5
V
Features
• International standard package
miniBLOC
• Aluminium nitride isolation
- high power dissipation
• Isolation voltage 3000 V~
• Very high current, fast switching
IGBT & FRED diode
• MOS Gate turn-on
- drive simplicity
• Low collector-to-case capacitance
• Low package inductance (< 10 nH)
- easy to drive and to protect
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Buck converters
Advantages
• Easy to mount with 2 screws
• Space savings
• High power density
98675 (4/18/2000)
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C75
A
I
C90
T
C = 90°C50
A
I
CM
T
C = 25°C, 1 ms
200
A
SSOA
V
GE= 15 V, TVJ = 125°C, RG = 22 W
I
CM = 100
A
(RBSOA) Clamped inductive load, L = 30
mH
@ 0.8 V
CES
t
SC
V
GE = 15 V, VCE = 360 V, TJ = 125°C
10
ms
(SCSOA) R
G = 22 W, non repetitive
P
C
T
C = 25°C
250
W
V
RRM
600
V
I
FAVM
T
C = 70°C; rectangular, d = 50%
60
A
I
FRM
t
P z<10 ms; pulse width limited by TJ
600
A
P
D
T
C = 25°C
150
W
T
J
-40 ... +150
°C
T
JM
150
°C
T
stg
-40 ... +150
°C
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
30
g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
HIGH Speed IGBT
with HiPerFRED
Short Circuit SOA Capability
Buck & boost configurations
SOT-227B, miniBLOC
E 153432
2
1
4
3
Preliminary data
...BD2
...BD3
IXSN50N60BD2
1 = Emitter; 2 = Gate
3 = Collector; 4 = Diode cathode
IXSN50N60BD3
1 = Emitter/Diode Cathode; 2 = Gate
3 = Collector; 4 = Diode anode
V
CES
= 600
V
I
C25
=
75
A
V
CEsat) =
2.5
V
t
fi
= 150 ns
IXSN 50N60BD2
IXSN 50N60BD3
IXYS reserves the right to change limits, test conditions, and dimensions.


Số phần tương tự - IXSN50N60BD2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSN55N120A IXYS-IXSN55N120A Datasheet
71Kb / 2P
High Voltage IGBT - Short Circuit SOA Capability
IXSN55N120AU1 IXYS-IXSN55N120AU1 Datasheet
70Kb / 2P
High Voltage IGBT with Diode - Short Circuit SOA Capability
More results

Mô tả tương tự - IXSN50N60BD2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
IXSH30N60CD1 IXYS-IXSH30N60CD1 Datasheet
72Kb / 2P
Short Circuit SOA Capability
MKI75-06A7 IXYS-MKI75-06A7 Datasheet
127Kb / 4P
Short Circuit SOA Capability Square RBSOA
IXSH50N60B IXYS-IXSH50N60B Datasheet
75Kb / 4P
Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
IGBT Module Short Circuit SOA Capability
logo
IXYS Corporation
VII25-12P1 IXYS-VII25-12P1 Datasheet
478Kb / 4P
Short Circuit SOA Capability Square RBSOA
MMIX2S50N60B4D1 IXYS-MMIX2S50N60B4D1 Datasheet
291Kb / 8P
Short Circuit SOA Capability
MKI50-12F7 IXYS-MKI50-12F7 Datasheet
81Kb / 2P
Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
Short Circuit SOA Capability Square RBSOA
MWI100-06A8 IXYS-MWI100-06A8 Datasheet
84Kb / 2P
Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com