| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMD1113 bảng dữ liệu(PDF) 1 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMD1113 bảng dữ liệu(HTML) 1 Page - Summit Microelectronics, Inc. |
|
1 / 14 page ![]() 1 Characteristics subject to change without notice 2033 8.1 10/04/01 SMD1102 / 1103 / 1113 SUMMIT MICROELECTRONICS, Inc. ©SUMMIT MICROELECTRONICS, Inc., 2001 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com Preliminary ! ! ! ! ! Complete Data Acquisition System " "" " " 10-Bit A/D Converter Resolution " "" " " 75µs Acquisition plus Conversion Time " "" " " Alarm Limits for Each Input Channel " "" " " Auto-Increment of Input Channels " "" " " Two Wire I2C Serial Data Interface " "" " " System Management Bus (SMBus) Compat- ible " "" " " Auto-Monitor with SMBALERT Output " "" " " Low Quiescent Current of 50µA " "" " " Wide Supply Voltage Range: 2.7V to 5.5V 10-Bit Data Acquisition System for Autonomous Environmental Monitoring FUNCTIONAL BLOCK DIAGRAM FEATURES ! ! ! ! ! SMD1102 " "" " " 2-Channel Analog Input " "" " " External Voltage Reference Input Provided for Absolute Measurements ! ! ! ! ! SMD1103 " "" " " 3-Channel Analog Input " "" " " Reference Voltage Input for the A/D Converter is Connected to VDD for Ratiometric Measure- ments ! ! ! ! ! SMD1113 " "" " " Extended I2C Operation " "" " " 3-Channel Analog Input " "" " " External Voltage Reference Input Provided for Absolute Measurements GND VDD CONVERTER CLOCK SCL SDA 2033 BD 7.0 CONTROL LOGIC 2-WIRE SERIAL INTERFACE ANALOG MULTIPLEXER 10-BIT A/D CONVERTER E2PROM ALARM LIMIT REGISTERS SAMPLE AND HOLD SMBALERT# AIN2 X AIN1 AIN0 (1103, 1113) REFIN (1102, 1113) X CE# A2 A1 A0 (1113) (1113) (1113) (1113) Note: See Pin Configuration drawings for pinouts |
Số phần tương tự - SMD1113 |
|
Mô tả tương tự - SMD1113 |