| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6241CS8 bảng dữ liệu(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 bảng dữ liệu(HTML) 23 Page - Linear Technology |
|
23 / 24 page ![]() LTC6241/LTC6242 23 62412f Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights. S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch) (Reference LTC DWG # 05-08-1610) PACKAGE DESCRIPTIO .016 – .050 (0.406 – 1.270) .010 – .020 (0.254 – 0.508) × 45° 0 °– 8° TYP .008 – .010 (0.203 – 0.254) SO8 0303 .053 – .069 (1.346 – 1.752) .014 – .019 (0.355 – 0.483) TYP .004 – .010 (0.101 – 0.254) .050 (1.270) BSC 1 2 3 4 .150 – .157 (3.810 – 3.988) NOTE 3 8 7 6 5 .189 – .197 (4.801 – 5.004) NOTE 3 .228 – .244 (5.791 – 6.197) .245 MIN .160 ±.005 RECOMMENDED SOLDER PAD LAYOUT .045 ±.005 .050 BSC .030 ±.005 TYP INCHES (MILLIMETERS) NOTE: 1. DIMENSIONS IN 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm) |