công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM74HC245AMTC bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MM74HC245AMTC
Giải thích chi tiết về linh kiện  Octal 3-STATE Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC245AMTC bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MM74HC245AMTC Datasheet HTML 2Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 3Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 4Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 5Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 6Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 7Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 8Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 9Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10