| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3458 bảng dữ liệu(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3458 bảng dữ liệu(HTML) 14 Page - Linear Technology |
|
14 / 16 page ![]() LTC3458 14 3458f TYPICAL APPLICATIO S VIN GND/PGND SHDN SYNC RT ILIM SW VOUT FB COMP SS BURST LTC3458 Li-Ion 2.5V to 4.2V 2.2µF WURTH 12µH 774775112 ON OFF 243k 124k 133k 324k 33k 0.01µF 0.01µF 560pF 10pF 10pF 1M 22µF X5R VOUT 5V 450mA 3458 TA03a VIN GND/PGND SHDN SYNC RT ILIM SW VOUT FB COMP SS BURST LTC3458 2 ALKALINE 1.8V to 3.3V 2.2µF WURTH 12µH 774775112 ON OFF 243k 124k 133k 324k 33k 0.01µF 0.01µF 560pF 10pF 1M 22µF X5R VOUT 5V 200mA 3458 TA04a 10pF VIN GND/PGND SHDN SYNC RT ILIM SW VOUT FB COMP SS BURST LTC3458 Li-Ion 2.5V to 4.2V 2.2µF COEV 10µH DQ7545 ON OFF 200k 124k 133k 316k 33k 0.01µF 0.01µF 560pF 10pF 1.5M 22µF X5R VOUT 7V 250mA 3458 TA05a 10pF Lithium-Ion to 5V, 500mA at 850kHz Two Cell to 5VOUT, 200mA at 850kHz Lithium-Ion Battery to 7VOUT, 250mA at 1MHz LOAD CURRENT (mA) 100 95 90 85 80 75 70 65 0.1 10 100 1000 3458 TA03b 1 4.2VIN 3.6VIN 2.5VIN LOAD CURRENT (mA) 100 95 90 85 80 75 70 65 0.1 10 100 1000 3458 TA04b 1 3.3VIN 1.8VIN LOAD CURRENT (mA) 100 95 90 85 80 75 70 65 0.1 10 100 1000 3458 TA05b 1 4.2VIN 3.6VIN 2.5VIN Li-Ion to 5VOUT Two Alkaline to 5VOUT Li-Ion to 7VOUT |