công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SK82 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện SK82
Giải thích chi tiết về linh kiện  SMD Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK82 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  SK82 Datasheet HTML 1Page - Diotec Semiconductor SK82 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK82 ... SK815
SK82 ... SK815
SMD Schottky Barrier Rectifier Diodes
SMD Schottky-Gleichrichterdioden
IFAV = 8.0 A
VF1 < 0.50 V
Tjmax = 150°C
VRRM = 20...150 V
IFSM1 = 140/150 A
Version 2018-09-18
~ SMC
~ DO-214AB
Dimensions - Maße [mm]
Typical Applications
Output Rectification in DC/DC
Converters, Polarity Protection,
Free-wheeling diodes
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Ausgangsgleichrichtung in
Gleichstromwandlern, Verpolschutz,
Freilaufdioden
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Low forward voltage drop
High average forward current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Niedrige Fluss-Spannung
Hoher Dauergrenzstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.21 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
SK82*
20
* Will be replaced by
Werden ersetzt durch
SK84-3G/-AQ
20
SK83*
30
30
SK84*
40
40
SK85
50
50
SK86
60
60
SK88
80
80
SK810
100
100
SK815
150
150
Max. average forward rectified current
Dauergrenzstrom in Einwegschaltung
SK82 ... SK86
SK88 ... SK815
TT = 100°C
TT = 85°C
IFAV
8 A
Repetitive peak forward current
Periodischer Spitzenstrom
SK82 ... SK86
SK88 ... SK815
f > 15 Hz
IFRM
30 A
27 A
Peak forward surge current, half sine wave
Stoßstrom in Fluss-Richtung, Sinushalbwelle
SK82 ... SK86
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
140 A
150 A
SK88 ... SK815
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
125 A
135 A
Rating for fusing
Grenzlastintegral
SK82 ... SK86
SK88 ... SK815
t < 10 ms
i2t
100 A2s
78 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9±0.2
7.2±0.5
Pb
RoHS


Số phần tương tự - SK82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SK82 MCC-SK82 Datasheet
81Kb / 3P
8 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK82 DIOTEC-SK82 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
SK82 DIOTEC-SK82 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
logo
Gaomi Xinghe Electronic...
SK82 GXELECTRONICS-SK82 Datasheet
228Kb / 1P
8.0Amp Schottky Rectifier 20 to 100 Volts
logo
Guangdong Juxing Electr...
SK82 JUXING-SK82 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Mô tả tương tự - SK82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
SK32SMA DIOTEC-SK32SMA_17 Datasheet
159Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SK4035CD2 DIOTEC-SK4035CD2 Datasheet
180Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPL1550 DIOTEC-PPL1550 Datasheet
184Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060 Datasheet
165Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SK1520YD2 DIOTEC-SK1520YD2_17 Datasheet
169Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SK34SMA-3G DIOTEC-SK34SMA-3G_18 Datasheet
160Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_18 Datasheet
157Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060_19 Datasheet
148Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SKL32 DIOTEC-SKL32_18 Datasheet
135Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com