| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29BDD160G bảng dữ liệu(PDF) 74 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29BDD160G bảng dữ liệu(HTML) 74 Page - Advanced Micro Devices |
|
74 / 80 page ![]() 72 Am29BDD160G AC CHARACTERISTICS Note: 1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, D OUT = data written to the device. 2. Figure indicates the last two bus cycles of the command sequence. Figure 29. Alternate CE# Controlled Write Operation Timings |