công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTPL-P013WS57 bảng dữ liệu(PDF) 13 Page - Lite-On Technology Corporation

tên linh kiện LTPL-P013WS57
Giải thích chi tiết về linh kiện  High power LED light source
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P013WS57 bảng dữ liệu(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-P013WS57 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-P013WS57 Datasheet HTML 16Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P013WS57 DATA SHEET (PRELIMINARY)
Page:
13
of
15
BNC-OD-C131/A4
9. Cautions
9.1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon
’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
9.2. Storage
The storage ambient for the LEDs should not exceed 30
°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are soldered within 72hrs. For extended
storage out of their original packaging, it is recommended that the LEDs were stored in a sealed
container with appropriate desiccant, or a desiccators with nitrogen ambient. LEDs stored out of their
original packaging for more than 72hrs should be baked at about 60℃ for at least 24 hours before
solder assembly.
9.3.
Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com