| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S3F49DAX bảng dữ liệu(PDF) 21 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S3F49DAX bảng dữ liệu(HTML) 21 Page - Samsung semiconductor |
|
21 / 44 page ![]() MULTIMEDIACARD CONTROLLER S3C49DAX 20 Multiple block read operation can be terminated the same way, the error token replacing a data block anywhere in the sequence. The host must than abort the operation by sending the stop transmission command. If the host sends a stop transmission command after the card transmitted the last block of a multiple block read with a pre-defined number of blocks, it will be responded to as an illegal command. If the host uses partial blocks whose accumulated length is not block aligned and block misalignment is not allowed, the card shall detect a block misalignment error condition at the beginning of the first misaligned block (ADDRESS_ERROR error bit will is set in the data error token). Data Write The SPI mode supports single block and Multiple block write commands. Upon reception of a valid write command (CMD24 or CMD25), the card will respond with a response token and will wait for a data block to be sent from the host. CRC suffix, block length and start address restrictions are (with the exception of the CSD parameter WRITE_BL_PARTIAL controlling the partial block write option) identical to the read operation (see Figure14). If a CRC error is detected it will be reported in the data-response token and the data block will not be programmed. Command Command DataIn DataOut From Host to Card From Card to Host New Command Form Host Response Data Block Data response and busy from card Data_Response busy Start Block Token Data From Host to Card Figure 14. Single Block Write Operation Every data block has a prefix of ‘Start Block’ token (one byte). After a data block has been received, the card will respond with a data-response token. If the data block has been received without errors, it will be programmed. As long as the card is busy programming, a continuous stream of busy tokens will be sent to the host (effectively holding the DataOut line low). In Multiple Block write operation the stop transmission will be done by sending ‘Stop Tran’ token instead of ‘Start Block’ token at the beginning of the next block. Command DataIn DataOut From Host to Card From Card to Host Data From Host to Card Response Data Block Data response and busy from card Data_Response busy Start Block Token Data From Host to Card Data Block Data_Response busy busy Stop Tran Token Figure 15. Multiple Block Write Operation |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |