công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPTPT bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28375DPTPT
Giải thích chi tiết về linh kiện  Dual-Core Delfino Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPTPT bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS320F28375DPTPT Datasheet HTML 76Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 77Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 78Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 79Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 80Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 81Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 82Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 83Page - Texas Instruments TMS320F28375DPTPT Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 222 page
background image
80
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
Table 5-31 shows the STANDBY mode timing requirements, Table 5-32 shows the switching
characteristics, and Figure 5-18 shows the timing diagram for STANDBY mode.
(1)
QUALSTDBY is a 6-bit field in the LPMCR register.
Table 5-31. STANDBY Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-INT)
Pulse duration, external
wake-up signal
QUALSTDBY = 0 | 2tc(OSCCLK)
3tc(OSCCLK)
cycles
QUALSTDBY > 0 |
(2 + QUALSTDBY)tc(OSCCLK)
(1)
(2 + QUALSTDBY) * tc(OSCCLK)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up signal) involves additional latency.
(2)
This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and
FPAC1[PSLEEP]. For more information, see the Flash and OTP Power-Down Modes and Wakeup section of the TMS320F2837xD
Dual-Core Delfino Microcontrollers Technical Reference Manual. This value can be realized when SYSCLK is 200 MHz, RWAIT is 3,
and FPAC1[PSLEEP] is 0x860.
Table 5-32. STANDBY Mode Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(IDLE-XCOS)
Delay time, IDLE instruction executed to
XCLKOUT stop
16tc(INTOSC1)
cycles
td(WAKE-STBY)
Delay time, external wake signal to
program execution resume(1)
cycles
•
Wakeup from flash
–
Flash module in active state
175tc(SYSCLK) + tw(WAKE-INT)
•
Wakeup from flash
–
Flash module in sleep state
6700tc(SYSCLK)
(2) + t
w(WAKE-INT)
•
Wakeup from RAM
3tc(OSC) + 15tc(SYSCLK) +
tw(WAKE-INT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com