| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952801 bảng dữ liệu(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952801 bảng dữ liệu(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 22 page ![]() 10 Integrated Circuit Systems, Inc. ICS952801 Advance Information 0719—01/22/03 I 2C Table: Reserved Register Control Function Bit 7 Reserved Reserved RW - - 1 Bit 6 Reserved Reserved RW - - 1 Bit 5 Reserved Reserved RW - - 1 Bit 4 Reserved Reserved RW - - 1 Bit 3 Reserved Reserved RW - - 1 Bit 2 Reserved Reserved RW - - 1 Bit 1 Reserved Reserved RW - - 1 Bit 0 Reserved Reserved RW - - 1 I 2C Table: Frequency Select Register Control Function Bit 7 FS3 Freq Select Bit 7 RW 0 Bit 6 FS2 Freq Select Bit 6 RW 0 Bit 5 FS1 Freq Select Bit 5 RW 0 Bit 4 FS0 Freq Select Bit 4 RW 0 Bit 3 FS Source Frequency HW/IIC Select RW Latch Input IIC 0 Bit 2 FS4 Freq Select Bit 2 RW 0 Bit 1 SS_EN Spread Enable RW OFF ON 1 Bit 0 Outputs Output Control RW Running Tri-state 0 I 2C Table: Read Back Register Control Function Bit 7 WDHRB WD Hard Alarm Status Read back RNormal Alarm X Bit 6 WDSRB WD Soft Alarm Status Read back RNormal Alarm X Bit 5 MULTISEL Multisel Read back R - - X Bit 4 FS4RB FS4 Read back R - - X Bit 3 FS3RB FS3 Read back R - - X Bit 2 FS2RB FS2 Read back R - - X Bit 1 FS1RB FS1 Read back R - - X Bit 0 FS0RB FS0 Read back R - - X I 2C Table: Output Control Register Control Function Bit 7 ZCLK_1 Output Control RW Disable Enable 1 Bit 6 ZCLK_0 Output Control RW Disable Enable 1 Bit 5 PCICLK_F0 PCI_STOP# Control RW Stop Disable Stop Enable 0 Bit 4 PCICLK_F1 PCI_STOP# Control RW Stop Disable Stop Enable 0 Bit 3 CPUCLK8T0/C0 CPU_STOP# Control RW Stop Disable Stop Enable 1 Bit 2 CPUCLK8T1/C1 CPU_STOP# Control RW Stop Disable Stop Enable 1 Bit 1 CPUCLK8T0/C0 Output Control RW Disable Enable 1 Bit 0 CPUCLK8T1/C1 Output Control RW Disable Enable 1 Type Type See Table1 : Quad Rom Frequency Selection Table See Table1 01 0 1 0PWD PWD 1 PWD PWD Name Type 1 0 Byte 3 Pin # - - - - - - - - Name Type Byte 4 Pin # - - - - - - - Byte 5 Pin # Name - - - - - - - - Name 9 42, 41 46, 45 13 14 10 Byte 6 Pin # 42, 41 46, 45 |