| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS290 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS290 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology |
|
7 / 9 page ![]() ICS290 TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT® TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER 7 ICS290 REV H 030212 Marking Diagrams Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temperature range (if applicable). 4. “L” denotes Pb (lead) free package. 5. Bottom marking: country of origin. 1 10 11 20 ###### YYWW 290PGLF 1 10 11 20 ###### YYWW 290PGILF |