| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTL-4232 bảng dữ liệu(PDF) 4 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTL-4232 bảng dữ liệu(HTML) 4 Page - Lite-On Technology Corporation |
|
4 / 6 page ![]() 7-31 Electrical/Optical Characteristics at Ta=25 Parameter Luminous Intensity Viewing Angle Peak Emission Wavelength Dominant Wavelength Spectral Line Half Width Forward Voltage Reverse Current Capacitance Symbol Typ. Min. Max. mcd deg nm nm nm V A pF Test Condition. I V 2 P d VF IR C 4202 4212 4222 4232 4252 4292 1.7 2.5 8.7 12.6 5.6 8.7 5.6 8.7 29 40 19 29 20 655 697 635 565 585 630 651 657 623 569 588 621 24 90 40 30 35 40 1.7 2.1 2.0 2.1 2.1 2.0 30 55 20 35 15 20 2.0 2.6 2.6 2.6 2.6 2.6 100 Note 2 (Fig.15) IF=10 mA Note 1,4 Note 3 Measurement @Peak (Fig.1) VR=5V IF=20mA VF=0 , f=1MHz Unit. Part No. LTL- Notes:1.Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye- response curve. 2. is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3.The dominant wavelength, d is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 4.IV needs 15% additionary for guaranteed limits. 42x2 4202 4212 4222 4232 4252 4292 4202 4212 4222 4232 4252 4292 4202 4212 4222 4232 4252 4292 4202 4212 4222 4232 4252 4292 42x2 4202 4212 4222 4232 4252 4292 L4201.p65 2000/7/11, ¤W¤È 10:01 Page 31 Adobe PageMaker 6.5C/Win |