| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB89173LPF bảng dữ liệu(PDF) 15 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89173LPF bảng dữ liệu(HTML) 15 Page - fujitsu semiconductor |
|
15 / 50 page ![]() 15 MB89170/170A/170L Series 3. Programming to the EPROM In EPROM mode, the MB89P173 and MB89P175A functions equivalent to the MBM27C256A. This allows the PROM to be programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by using the dedicated socket adapter. • Programming procedure (MB89P173) (1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 6000H to 7FFFH (note that addresses E000H to 0FFFFH while operating as a single chip correspond to 6000H to 7FFFH in EPROM mode). (3) Program the data to the EPROM with the EPROM programmer. • Programming procedure (MB89P175A) (1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to 0FFFFH while operating as a single chip assign to 4000H to 7FFFH in EPROM mode). Load option data into addresses 3FF0H to 3FF6H of the EPROM programmer. (For information about each corresponding option, see “7. Setting OTPROM Options (MB89P175A Only).”) (3) Program the data to the EPROM with the EPROM programmer. 4. Recommended Screening Conditions High-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked OTPROM microcomputer program. 5. Programming Yield Due to its nature, bit programming test can’t be conducted as Fujitsu delivery test. For this reason, a programming yield of 100% cannot be assured at all times. 6. EPROM Programmer Socket Adapter Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403 FAX (81)-3-5396-9106 Part number Package Compatible socket adapter Sun Hayato Co., Ltd. MB89P175A QFP-48P ROM-48QF-28DP-8L Program, verify Aging + 150 °C, 48 Hrs. Data verification Assembly |